Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0855 Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce UM0855
Description  Demonstration kit for single
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0855 Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button UM0855 Datasheet HTML 19Page - STMicroelectronics UM0855 Datasheet HTML 20Page - STMicroelectronics UM0855 Datasheet HTML 21Page - STMicroelectronics UM0855 Datasheet HTML 22Page - STMicroelectronics UM0855 Datasheet HTML 23Page - STMicroelectronics UM0855 Datasheet HTML 24Page - STMicroelectronics UM0855 Datasheet HTML 25Page - STMicroelectronics UM0855 Datasheet HTML 26Page - STMicroelectronics UM0855 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
UM0855
Data acquisition quick start
Doc ID 16617 Rev 1
23/35
5
Data acquisition quick start
This section describes the basic steps that must be performed to acquire the yaw data from
the STEVAL-MKI0xxV1:
1.
Connect the STEVAL-MKI0xxV1 to the USB port.
2.
Start the STEVAL-MKI0xxV1 GUI.
3.
Select the virtual COM port and click on the “Connect” button (
Figure 9, ref 1).
4.
Select the destination file to which the yaw data must be saved by clicking “Save”
(
Figure 9, ref 2) in the main control section (optional).
5.
Use the tab menu to display the desired function.
6.
Click on the “START” (or “STOP”) button to activate (or stop) the sensor data collection,
saving to file, and screen plotting functions.
7.
To close the application, click on “Disconnect” and then click on “Exit”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35