| Moteur de recherche de fiches techniques de composants électroniques |
|
UM0855 Fiches technique(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0855 Fiches technique(HTML) 21 Page - STMicroelectronics |
|
21 / 35 page ![]() UM0855 Graphical user interface Doc ID 16617 Rev 1 21/35 4.2.6 “Data” tab The data tab ( Figure 15) shows the angular rate values measured by the device. It is divided into two sections: 1. “ADC out” ( Figure 15, ref 1) - displays the angular rate data provided by the sensor after its conversion to digital format by the 8-bit AD converter 2. “Angular rate value” ( Figure 15, ref 2) - represents the angular rate data measured by the sensor, converted by the AD converter and multiplied by the currently-selected sensitivity. Values are expressed as deg/sec. Note: To increase data readability, the values shown in the boxes described above are based on an average of 50 samples. Figure 15. Data tab ref 1 ref 2 |