Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0855 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce UM0855
Description  Demonstration kit for single
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0855 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button UM0855 Datasheet HTML 9Page - STMicroelectronics UM0855 Datasheet HTML 10Page - STMicroelectronics UM0855 Datasheet HTML 11Page - STMicroelectronics UM0855 Datasheet HTML 12Page - STMicroelectronics UM0855 Datasheet HTML 13Page - STMicroelectronics UM0855 Datasheet HTML 14Page - STMicroelectronics UM0855 Datasheet HTML 15Page - STMicroelectronics UM0855 Datasheet HTML 16Page - STMicroelectronics UM0855 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
UM0855
STEVAL-MKI0xxV1 GUI installation
Doc ID 16617 Rev 1
13/35
Figure 7.
USB driver installation using the hardware update wizard
Once the installation is complete, a COM port number is assigned to the ST virtual COM
driver (
Figure 8). This number should be retained, as it is required to run the STEVAL-
MKI0xxV1 demonstration software GUI. For additional details, see
Section 4.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35