Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM138 Fiches technique(PDF) 14 Page - Linear Technology

No de pièce LM138
Description  5A Positive Adjustable Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LM138 Fiches technique(HTML) 14 Page - Linear Technology

Back Button LM138_15 Datasheet HTML 6Page - Linear Technology LM138_15 Datasheet HTML 7Page - Linear Technology LM138_15 Datasheet HTML 8Page - Linear Technology LM138_15 Datasheet HTML 9Page - Linear Technology LM138_15 Datasheet HTML 10Page - Linear Technology LM138_15 Datasheet HTML 11Page - Linear Technology LM138_15 Datasheet HTML 12Page - Linear Technology LM138_15 Datasheet HTML 13Page - Linear Technology LM138_15 Datasheet HTML 14Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
LT138A/LT339A
LM138/LM338
14
138afd
For more information www.linear.com/LT138A
LINEAR TECHNOLOGY CORPORATION 1991
LT 0515 REV D • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 FAX: (408) 434-0507 ● www.linear.com/LT138A
relaTeD parTs
Typical applicaTion
PART NUMBER
DESCRIPTION
COMMENTS
LT1083/LT1084/
LT1085
3A/5A/7.5A Low Dropout Regulators
Fixed Outputs, VIN Up to 30V
LT1580
7A Fast Transient Response Regulator with 0.7V Dropout
For 3.3V to 2.xxV Applications
LT1581
10A Fast Transient Response Regulator
For 3.3V to 2.xxV Applications
LT1584/LT1585/
LT1587
7A/4.6A/3A Low Dropout Fast Transient Response Regulator
For 1.2V to 3.3V Outputs from 5V
LT1764
3A Fast Transient Response Regulator
Dropout Voltage 340mV, Low Noise: 40µVRMS
Lamp Flasher
Automatic Light Control
Protected High Current Lamp Driver
LT338A
VIN
138A/338A TA08
VOUT
ADJ
12k
1μF
10μF
12V
15V
12k
1k
OFF
12k
+
10μF
10μF
2N3904
LT338A
VIN
138A/338A TA09
VOUT
ADJ
1.2k
LT338A
VOUT
12V
5A
138A/338A TA10
VIN
TTL OR
CMOS
ADJ
15V
10k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com