Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM138 Fiches technique(PDF) 13 Page - Linear Technology

No de pièce LM138
Description  5A Positive Adjustable Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LM138 Fiches technique(HTML) 13 Page - Linear Technology

Back Button LM138_15 Datasheet HTML 6Page - Linear Technology LM138_15 Datasheet HTML 7Page - Linear Technology LM138_15 Datasheet HTML 8Page - Linear Technology LM138_15 Datasheet HTML 9Page - Linear Technology LM138_15 Datasheet HTML 10Page - Linear Technology LM138_15 Datasheet HTML 11Page - Linear Technology LM138_15 Datasheet HTML 12Page - Linear Technology LM138_15 Datasheet HTML 13Page - Linear Technology LM138_15 Datasheet HTML 14Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
LT138A/LT338A
LM138/LM338
13
138afd
For more information www.linear.com/LT138A
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
revision hisTory
REV
DATE
DESCRIPTION
PAGE NUMBER
D
05/15
Obsolete packaged parts.
1, 2, 12
(Revision history begins at Rev D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com