Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM138 Fiches technique(PDF) 7 Page - Linear Technology

No de pièce LM138
Description  5A Positive Adjustable Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LM138 Fiches technique(HTML) 7 Page - Linear Technology

Back Button LM138_15 Datasheet HTML 3Page - Linear Technology LM138_15 Datasheet HTML 4Page - Linear Technology LM138_15 Datasheet HTML 5Page - Linear Technology LM138_15 Datasheet HTML 6Page - Linear Technology LM138_15 Datasheet HTML 7Page - Linear Technology LM138_15 Datasheet HTML 8Page - Linear Technology LM138_15 Datasheet HTML 9Page - Linear Technology LM138_15 Datasheet HTML 10Page - Linear Technology LM138_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
LT138A/LT338A
LM138/LM338
7
138afd
For more information www.linear.com/LT138A
applicaTions inForMaTion
Table 1. 0.5% and 1% Standard Resistance Values
1.00
1.47
2.15
3.16
4.64
6.81
1.02
1.50
2.21
3.24
4.75
6.98
1.05
1.54
2.26
3.32
4.87
7.15
1.07
1.58
2.32
3.40
4.99
7.32
1.10
1.62
2.37
3.48
5.11
7.50
1.13
1.65
2.43
3.57
5.23
7.68
1.15
1.69
2.49
3.65
5.36
7.87
1.18
1.74
2.55
3.74
5.49
8.06
1.21
1.78
2.61
3.83
5.62
8.25
1.24
1.82
2.67
3.92
5.76
8.45
1.27
1.87
2.74
4.02
5.90
8.66
1.30
1.91
2.80
4.12
6.04
8.87
1.33
1.96
2.87
4.22
6.19
9.09
1.37
2.00
2.94
4.32
6.34
9.31
1.40
2.05
3.01
4.42
6.49
9.53
1.43
2.10
3.09
4.53
6.65
9.76
Standard resistance values are obtained from the Decade Table by
multiplying by multiples of 10. As an example, 1.21 can represent 1.21Ω,
12.1Ω, 121Ω, 1.21k etc.
Bypass Capacitors
Input bypassing using a 1µF tantalum or 25µF electrolytic
is recommended when the input filter capacitors are more
than 5 inches from the device. Improved ripple rejection
(80dB) can be accomplished by adding a 10µF capacitor
from the ADJ pin to ground. Increasing the size of the
capacitor to 20µF will help ripple rejection at low output
voltage since the reactance of this capacitor should be
small compared to the voltage setting resistor, R2. For
improved AC transient response and to prevent the pos-
sibility of oscillation due to unknown reactive load, a 1µF
capacitor is also recommended at the output. Because of
their low impedance at high frequencies, the best type of
capacitor to use is solid tantalum.
Protection Diodes
The LT138A/LT338A do not require a protection diode
from the adjustment terminal to the output (see Figure 2).
Improved internal circuitry eliminates the need for this
diode when the adjustment pin is bypassed with a capaci-
tor to improve ripple rejection.
If a very large output capacitor is used, such as a 100µF
shown in Figure 2, the regulator could be damaged or
destroyed if the input is accidentally shorted to ground
or crowbarred, due to the output capacitor discharging
into the output terminal of the regulator. To prevent this, a
diode D1 as shown, is recommended to safely discharge
the capacitor.
Figure 2
LT338A
D1
1N4002
VIN
R1
NOT
NEEDED
138A/338A F02
VOUT
ADJ
VOUT
VIN
R2
CADJ
10μF
COUT
100μF
+
Load Regulation
Because the LT138A is a three-terminal device, it is not
possible to provide true remote load sensing. Load regula-
tion will be limited by the resistance of the wire connecting
the regulator to the load. The data sheet specification for
load regulation is measured at the bottom of the package.
Negative side sensing is a true Kelvin connection, with the
bottom of the output divider returned to the negative side
of the load. Although it may not be immediately obvious,
best load regulation is obtained when the top of the resis-
tor divider, R1, is connected
directly to the case not to the
load. This is illustrated in Figure 3. If R1 were connected
to the load, the effective resistance between the regulator
and the load would be:
RP
R2+R1
R1
⎟,RP = Parasitic Line Resistance
Connected as shown, RP is not multiplied by the divider
ratio.RPisabout0.004Ωperfootusing16gaugewire.This
translates to 4mV/ft at 1A load current, so it is important
to keep the positive lead between regulator and load as
short as possible, and use large wire or PC board traces.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com