| Moteur de recherche de fiches techniques de composants électroniques |
|
UM0582 Fiches technique(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0582 Fiches technique(HTML) 19 Page - STMicroelectronics |
|
19 / 24 page ![]() UM0582 Operation of the STEVAL-TLL005V1 demonstration board Doc ID 14969 Rev 1 19/24 3.4 Programming of the STEVAL-TLL005V1 using ICC The board is equipped with an ICC connector, so if a future microcontroller code change is required, the new code can be easily programmed. The board can be programmed using the INDART programmer. Figure 20. Battery connections |