Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0582 Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce UM0582
Description  STEVAL-TLL005V1 power flash demonstration board
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0582 Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button UM0582 Datasheet HTML 12Page - STMicroelectronics UM0582 Datasheet HTML 13Page - STMicroelectronics UM0582 Datasheet HTML 14Page - STMicroelectronics UM0582 Datasheet HTML 15Page - STMicroelectronics UM0582 Datasheet HTML 16Page - STMicroelectronics UM0582 Datasheet HTML 17Page - STMicroelectronics UM0582 Datasheet HTML 18Page - STMicroelectronics UM0582 Datasheet HTML 19Page - STMicroelectronics UM0582 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Operation of the STEVAL-TLL005V1 demonstration board
UM0582
16/24
Doc ID 14969 Rev 1
●
Auxiliary LED mode - this mode shows the auxiliary LED control feature of the STCF03.
To configure auxiliary LED control, perform the following steps:
–
Go to ready mode. The "Aux LED" checkbox becomes enabled.
–
Check the "Aux LED" checkbox, as shown in Figure 17.
–
Adjust the current value.
–
Adjust the timer (see Figure 18).
–
Click on the "Write data to the chip" button.
Figure 16.
Torch operation mode selection in the register controller GUI
Figure 17.
Auxiliary operation mode selection in the register controller GUI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24