| Moteur de recherche de fiches techniques de composants électroniques |
|
UM0582 Fiches technique(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0582 Fiches technique(HTML) 14 Page - STMicroelectronics |
|
14 / 24 page ![]() Operation of the STEVAL-TLL005V1 demonstration board UM0582 14/24 Doc ID 14969 Rev 1 3.1.5 Handling of flash mode, torch mode and auxiliary LED mode in the register_controller GUI Four different modes are configurable through the Register_Controller GUI: ● Flash mode - This mode demonstrates the flash of the white power LED on the board. To configure flash mode, perform the following steps: – Adjust the reference voltage using the slider bar. The corresponding value of the flash LED current is calculated immediately and displayed below the track bar, as shown in Figure 13. – Adjust the desired flash time. – Select the "Flash mode" radio button in the "Operation mode" panel (see Figure 14). – Click on the "Write data to the chip" button. Figure 12. Register controller Window Figure 13. Flash mode configuration in the register controller GUI |