| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3319 Fiches technique(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3319 Fiches technique(HTML) 21 Page - STMicroelectronics |
|
21 / 25 page ![]() DocID18265 Rev 8 21/25 AN3319 SPV1040 parallel and series connection According to the light irradiation on each panel and to the system efficiency ( η), the output power results: Therefore: Each SPV1040 contributes to the output power providing I OUTX . Finally, the desired V OUT is guaranteed if at least one of the 3 PV panels provides enough power to turn-on the SPV1040 relating to it. SPV1040 series connection This topology provides an output voltage that is the sum of the output voltages of the SPV1040 connected in series. The objective of this section is to explain how the output power is impacted by the selected topology. Figure 16 shows the series connection topology: Figure 16. SPV1040 output series connection In this case, the topology imposes: In case irradiation is the same for each panel: ] 3 .. 1 x [ = ] 3 .. 1 x [ = 3 OUT 2 OUT 1 OUT OUT P P P P + + = OUTx OUTx OUTx I * V P = INx INx INx I * V P = 3 IN 2 IN 1 IN 3 OUT 2 OUT 1 OUT OUT OUT P P P ) I I I ( V P η + η + η = + + = AM06710v1 PV3 SPV1040 Vo3+ Vo3- PV3+ PV3- PV2 SPV1040 Vo2+ PV2+ PV2 PV1 Vo2- PV2- SPV1040 Vo1+ PV1+ SPV1040 Vo1- PV1- OUT+ V OUT- V 3 OUT 2 OUT 1 OUT OUT I I I I = = = 3 OUT 2 OUT 1 OUT OUT V V V V + + = ] 3 .. 1 x [ = 3 OUT 2 OUT 1 OUT P P P = = OUTx OUT P * 3 P = OU T OUTx P 3 1 P = OUT 1 OUT OUTx OUTx OUTx I * V I * V P = = |