Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3319 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce AN3319
Description  The SPV1040 is a high efficiency, low power and low voltage DC-DC converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3319 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button AN3319 Datasheet HTML 7Page - STMicroelectronics AN3319 Datasheet HTML 8Page - STMicroelectronics AN3319 Datasheet HTML 9Page - STMicroelectronics AN3319 Datasheet HTML 10Page - STMicroelectronics AN3319 Datasheet HTML 11Page - STMicroelectronics AN3319 Datasheet HTML 12Page - STMicroelectronics AN3319 Datasheet HTML 13Page - STMicroelectronics AN3319 Datasheet HTML 14Page - STMicroelectronics AN3319 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
DocID18265 Rev 8
11/25
AN3319
Application example
Further, STEVAL-ISV006V2 provides a simple charge status circuit with 2 LEDs:
•
Red LED on and green LED off, if the battery voltage is lower than charge threshold
•
Red LED off and green LED on, if the battery voltage is higher than charge threshold
Charge threshold can be regulated by trimmer VR
10
. Charge status circuit can be bypassed
by opening jumper J1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25