Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3319 Fiches technique(PDF) 19 Page - STMicroelectronics

No de pièce AN3319
Description  The SPV1040 is a high efficiency, low power and low voltage DC-DC converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3319 Fiches technique(HTML) 19 Page - STMicroelectronics

Back Button AN3319 Datasheet HTML 15Page - STMicroelectronics AN3319 Datasheet HTML 16Page - STMicroelectronics AN3319 Datasheet HTML 17Page - STMicroelectronics AN3319 Datasheet HTML 18Page - STMicroelectronics AN3319 Datasheet HTML 19Page - STMicroelectronics AN3319 Datasheet HTML 20Page - STMicroelectronics AN3319 Datasheet HTML 21Page - STMicroelectronics AN3319 Datasheet HTML 22Page - STMicroelectronics AN3319 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
DocID18265 Rev 8
19/25
AN3319
Layout
7
Layout
Figure 13. STEVAL-ISV006V2 PCB top view
Figure 14. STEVAL-ISV006V2 PCB bottom view
Layout guidelines
PCB layout is very important in order to minimize voltage and current ripple, high frequency
resonance problems, and electromagnetic interference. It is essential to keep the paths
where the high switching current circulates as small as possible in order to reduce radiation
and resonance problems.
Large traces for high current paths and an extended ground plane reduce noise and
increase efficiency.
The output and input capacitors should be placed as close as possible to the device.
The external resistor dividers, if used, should be as close as possible to the V
MPP-SET
and
V
CTRL
pins of the device, and as far as possible from the high current circulating paths, in
order to avoid picking up noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25