Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3090 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce AN3090
Description  Power saving and LED status detection using the STP16DPPS05 device
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3090 Fiches technique(HTML) 5 Page - STMicroelectronics

  AN3090 Datasheet HTML 1Page - STMicroelectronics AN3090 Datasheet HTML 2Page - STMicroelectronics AN3090 Datasheet HTML 3Page - STMicroelectronics AN3090 Datasheet HTML 4Page - STMicroelectronics AN3090 Datasheet HTML 5Page - STMicroelectronics AN3090 Datasheet HTML 6Page - STMicroelectronics AN3090 Datasheet HTML 7Page - STMicroelectronics AN3090 Datasheet HTML 8Page - STMicroelectronics AN3090 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
AN3090
Device description
Doc ID16496 Rev 1
5/19
1
Device description
The STP16DPPS05 device is a monolithic, low voltage, low current power shift register.
It contains a 16-bit serial IN, parallel OUT shift register that feeds a 16-bit D-type storage
register. Sixteen regulated currents are present in the output stage, which is capable of
providing 3-40 mA of constant current to drive the LEDs. Figure 1 shows the application
block diagram of the STP16DPPS05 device.
Figure 1.
STP16DPPS05 block diagram
Two important features of STP16DPPS05 are output status checking to detect LED errors
during driving (error detection), and power saving when the device is not managing data
(auto power safe).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19