Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3090 Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce AN3090
Description  Power saving and LED status detection using the STP16DPPS05 device
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3090 Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button AN3090 Datasheet HTML 10Page - STMicroelectronics AN3090 Datasheet HTML 11Page - STMicroelectronics AN3090 Datasheet HTML 12Page - STMicroelectronics AN3090 Datasheet HTML 13Page - STMicroelectronics AN3090 Datasheet HTML 14Page - STMicroelectronics AN3090 Datasheet HTML 15Page - STMicroelectronics AN3090 Datasheet HTML 16Page - STMicroelectronics AN3090 Datasheet HTML 17Page - STMicroelectronics AN3090 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Auto power-saving feature
AN3090
14/19
Doc ID16496 Rev 1
5
Auto power-saving feature
This section explains the benefits of the auto power-saving feature of the STP16DPPS05
device.
The plot in Figure 9 shows the IDD supply voltage consumption during normal mode and in
the auto power-saving condition.
Figure 9.
IDD consumption in normal mode and auto power-saving condition
In the plot above, IDD consumption (Ch4 green) falls after 16 CLK pulses (Ch2 blue) if no
SDI data (Ch1 yellow) were latched by the LE/DM1 signal (Ch3 purple). When the first
active data is available on the SDI pin (Ch1) and is latched by the LE/DM1 signal (Ch3), the
device switches from auto power-saving mode to normal mode and IDD consumption rises to
typical values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19