Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3090 Fiches technique(PDF) 17 Page - STMicroelectronics

No de pièce AN3090
Description  Power saving and LED status detection using the STP16DPPS05 device
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3090 Fiches technique(HTML) 17 Page - STMicroelectronics

Back Button AN3090 Datasheet HTML 11Page - STMicroelectronics AN3090 Datasheet HTML 12Page - STMicroelectronics AN3090 Datasheet HTML 13Page - STMicroelectronics AN3090 Datasheet HTML 14Page - STMicroelectronics AN3090 Datasheet HTML 15Page - STMicroelectronics AN3090 Datasheet HTML 16Page - STMicroelectronics AN3090 Datasheet HTML 17Page - STMicroelectronics AN3090 Datasheet HTML 18Page - STMicroelectronics AN3090 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
AN3090
Conclusion
Doc ID16496 Rev 1
17/19
6
Conclusion
The two highlighted features of the STP16DPPS05 generate benefits for a wide range of
applications.
The device can provide the MCU with feedback of the overall LED system via the EDM test,
which can be managed either locally or remotely through a network.
The STP16DPPS05 is suitable for all applications where power saving is important, such as
in traffic panels or electronic advertising, where it is possible to switch off parts of the
panels, when not necessary, to increase the battery time span.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19