Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2829 Fiches technique(PDF) 19 Page - STMicroelectronics

No de pièce AN2829
Description  Dual step-down controller with auxilary voltages
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2829 Fiches technique(HTML) 19 Page - STMicroelectronics

Back Button AN2829 Datasheet HTML 15Page - STMicroelectronics AN2829 Datasheet HTML 16Page - STMicroelectronics AN2829 Datasheet HTML 17Page - STMicroelectronics AN2829 Datasheet HTML 18Page - STMicroelectronics AN2829 Datasheet HTML 19Page - STMicroelectronics AN2829 Datasheet HTML 20Page - STMicroelectronics AN2829 Datasheet HTML 21Page - STMicroelectronics AN2829 Datasheet HTML 22Page - STMicroelectronics AN2829 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
AN2829
Test setup and performance summary
19/32
Figure 8.
REF, LDO5 and LDO power-up
11.3
Soft-start and shutdown waveforms
Figure 9, 10, 11 and 12 show, respectively, the soft-start and shutdown waveforms.
The PM681A has an independent internal digital soft-start for each switching section.
During the soft-start phase the internal current limit increases from 25% to 100% with steps
of 25% to avoid the inductor current rising abruptly.
AM01414v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32