Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2829 Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce AN2829
Description  Dual step-down controller with auxilary voltages
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2829 Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button AN2829 Datasheet HTML 8Page - STMicroelectronics AN2829 Datasheet HTML 9Page - STMicroelectronics AN2829 Datasheet HTML 10Page - STMicroelectronics AN2829 Datasheet HTML 11Page - STMicroelectronics AN2829 Datasheet HTML 12Page - STMicroelectronics AN2829 Datasheet HTML 13Page - STMicroelectronics AN2829 Datasheet HTML 14Page - STMicroelectronics AN2829 Datasheet HTML 15Page - STMicroelectronics AN2829 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
I/O interface
AN2829
12/32
6
I/O interface
The demonstration board has the following test points:
Table 2.
Demonstration board test points
Test point
Description
VIN+
Input voltage
VIN-
Input voltage ground
LDO5
5 V linear regulator output
LDO_ADJ
Adjustable linear regulator output
EXT5V
5 V external input
OUT1+
OUT1 switching section output
OUT1-
OUT1 switching section output ground
PGOOD1
OUT1 switching section Power Good
OUT2+
OUT2 switching section output
OUT2+
OUT2 switching section output ground
PGOOD2
OUT2 switching section Power Good
J10
Junction pin between PGND and SGND planes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32