Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2829 Fiches technique(PDF) 17 Page - STMicroelectronics

No de pièce AN2829
Description  Dual step-down controller with auxilary voltages
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2829 Fiches technique(HTML) 17 Page - STMicroelectronics

Back Button AN2829 Datasheet HTML 13Page - STMicroelectronics AN2829 Datasheet HTML 14Page - STMicroelectronics AN2829 Datasheet HTML 15Page - STMicroelectronics AN2829 Datasheet HTML 16Page - STMicroelectronics AN2829 Datasheet HTML 17Page - STMicroelectronics AN2829 Datasheet HTML 18Page - STMicroelectronics AN2829 Datasheet HTML 19Page - STMicroelectronics AN2829 Datasheet HTML 20Page - STMicroelectronics AN2829 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
AN2829
Feedback output connections
17/32
10
Feedback output connections
●
Loop compensation network for very low output voltage ripple.
●
Loop compensation network for high output voltage ripple
Table 6.
Jumper S4, S5
Position
Output ripple compensation
Short
Virtual ESR output ripple is generated by using a compensation network connected
between the output and the PHASE pin of the switching section.
Table 7.
Jumper S8, S9
Position
Feedback connection
Controller feedback signal connected to the compensation network.
Table 8.
Jumper S4, S5
Position
Output ripple compensation
Open
ESR output ripple is used.
Table 9.
Jumper S8, S9
Position
Feedback connection
Controller feedback signal connected directly to the output capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32