Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2208 Fiches technique(PDF) 30 Page - STMicroelectronics

No de pièce AN2208
Description  Designing Industrial Applications with
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2208 Fiches technique(HTML) 30 Page - STMicroelectronics

Back Button AN2208 Datasheet HTML 26Page - STMicroelectronics AN2208 Datasheet HTML 27Page - STMicroelectronics AN2208 Datasheet HTML 28Page - STMicroelectronics AN2208 Datasheet HTML 29Page - STMicroelectronics AN2208 Datasheet HTML 30Page - STMicroelectronics AN2208 Datasheet HTML 31Page - STMicroelectronics AN2208 Datasheet HTML 32Page - STMicroelectronics AN2208 Datasheet HTML 33Page - STMicroelectronics AN2208 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 51 page
background image
7 Test results
AN2208
30/51
7
Test results
The following abbreviations are used in this section.
7.1
VN808 HSD test results
The typical behavior of the VN808 HSD according the datasheet is shown in Figure 28 and
Figure 29.
Table 5.
Abbreviations
Symbol
Parameter
VIN
Input Voltage
VOUT
Output Voltage
VSTAT
Voltage on STATUS pin
TA
Ambient temperature
TJSD
Junction shut-down temperature
TR
Junction Reset temperature
TCSD
Case shut-down temperature
TC
Case operating temperature
TCR
Case reset temperature
Tj
Junction operating temperature
Figure 28. VN808 Waveforms (Part 1)
Ai11622
Normal Operation
VIN
VOUT
VSTAT
Undervoltage
VCC
VIN
VOUT
VSTAT
VUSDhyst
VUSD
Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51