Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2208 Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce AN2208
Description  Designing Industrial Applications with
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2208 Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button AN2208 Datasheet HTML 18Page - STMicroelectronics AN2208 Datasheet HTML 19Page - STMicroelectronics AN2208 Datasheet HTML 20Page - STMicroelectronics AN2208 Datasheet HTML 21Page - STMicroelectronics AN2208 Datasheet HTML 22Page - STMicroelectronics AN2208 Datasheet HTML 23Page - STMicroelectronics AN2208 Datasheet HTML 24Page - STMicroelectronics AN2208 Datasheet HTML 25Page - STMicroelectronics AN2208 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 51 page
background image
6 Electromagnetic compatibility (EMC) tests
AN2208
22/51
6
Electromagnetic compatibility (EMC) tests
The VN808 and VN340SP reference design boards pass the following industrial tests. (Refer to
specific product datasheet for electrostatic discharge (ESD) characteristics).
6.1
Terminology
Table 2.
EMC industrial compliance
IEC Specification
Description
61000-4-4
Electric Fast Transients (EFT)
61000-4-5
Surge protection
61000-4-6
Immunity to conducted disturbances
Table 3.
Abbreviations
Abbreviations
Description
CC
Current Clamp
CCC
Capacitive Coupling Clamp
CDN
Coupling/Decoupling Network
DN
Decoupling Network
EFT
Electric Fast Transients
EFT Generator
Generator with CDN according IEC 61000-4-4
ESD
Electrostatic Discharge
EUT
Equipment Under Test
HSD
High-side Driver
IPS
Intelligent Power Switch
PE
Protected Earth (metal plane)
Signal Generator
Wave generator with power amplifier according IEC 61000-4-6
Surge Generator
Generator with CDN according IEC 61000-4-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51