Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2208 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce AN2208
Description  Designing Industrial Applications with
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2208 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button AN2208 Datasheet HTML 5Page - STMicroelectronics AN2208 Datasheet HTML 6Page - STMicroelectronics AN2208 Datasheet HTML 7Page - STMicroelectronics AN2208 Datasheet HTML 8Page - STMicroelectronics AN2208 Datasheet HTML 9Page - STMicroelectronics AN2208 Datasheet HTML 10Page - STMicroelectronics AN2208 Datasheet HTML 11Page - STMicroelectronics AN2208 Datasheet HTML 12Page - STMicroelectronics AN2208 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
AN2208
2 VN808 reference design board
9/51
2
VN808 reference design board
This is a practical example how the VN808 high-side driver (HSD) can be used in applications
for an industrial environment.
2.1
Circuit description
In order to protect the high-side driver (HSD) from the harsh industrial conditions of power
supply lines, usually optocouplers and Transil diodes are used to separate the application
control circuits from the power supply. Figure 11 shows a complete schematic diagram of the
VN808 reference design board.
The VN808 reference design board uses multi-channel TLP281-4 and TLP181 optocouplers.
The TLP281-4 and TLP181 are small and thin couplers, suitable for surface-mounted
assemblies that consist of a photo transistor optically coupled to a gallium-arsenide infrared
emitting diode. The isolation voltage for this type of optocoupler is 2500 VRMS.
The clamping function of Transil diodes protect the HSD against transient overvoltages. The
reference design board is assembled with uni-directional SM15TXXA Transil diodes because
they protect the HSD against both positive and negative surge pulses. For more information
about SM15TXXA Transil diodes from STMicroelectronics, please refer to the SM15T36A
Datasheet available at www.st.com.
Refer to Section A.2: Recommended VN808 PCB Layout on page 43 for more information
about designing boards to improve EMC immunity and performance in industrial environments.
2.2
Surge suppression
When designing your application, VCC and ground lines should lay on top of each other,
minimizing the closed loop area and increasing the ability of the application to reject
Figure 4.
VN808 reference design board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com