Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0401 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce UM0401
Description  User manual for eight bit port expander
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0401 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button UM0401 Datasheet HTML 9Page - STMicroelectronics UM0401 Datasheet HTML 10Page - STMicroelectronics UM0401 Datasheet HTML 11Page - STMicroelectronics UM0401 Datasheet HTML 12Page - STMicroelectronics UM0401 Datasheet HTML 13Page - STMicroelectronics UM0401 Datasheet HTML 14Page - STMicroelectronics UM0401 Datasheet HTML 15Page - STMicroelectronics UM0401 Datasheet HTML 16Page - STMicroelectronics UM0401 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
UM0401
Running the STMPE801 port expander GUI
13/17
Figure 15.
Entering in hibernate mode
2.4
Configuring interrupts
The GUI provides a convenient way to configure the GPIO interrupts in STMPE801 and
monitor the change of state in the GPIOs that trigger interrupts, if so configured. Figure 16
shows a screen shot of the Interrupt tab before the interrupts are configured and running. It
allows configuring the interrupt polarity and the masking of each individual GPIO.
Figure 16.
Interrupt setting tab screen shot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17