| Moteur de recherche de fiches techniques de composants électroniques |
|
UM0401 Fiches technique(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0401 Fiches technique(HTML) 12 Page - STMicroelectronics |
|
12 / 17 page ![]() Running the STMPE801 port expander GUI UM0401 12/17 Figure 14. GPIO Output state screen shot 2.3 Power modes There are 2 functions that can be tested using this tab as shown in Figure 15. ● I2C shutdown ● Soft reset The STMPE801 slave devices can be put in Power down mode by clicking on the "I2C Shutdown" button. This shuts down the device and displays a message to press the reset button to resume normal device operation. Clicking the "Soft Reset" button performs the reset of the device. Like the other function tabs, the correct slave device should be chosen before clicking the buttons. |