Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0401 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce UM0401
Description  User manual for eight bit port expander
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0401 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button UM0401 Datasheet HTML 5Page - STMicroelectronics UM0401 Datasheet HTML 6Page - STMicroelectronics UM0401 Datasheet HTML 7Page - STMicroelectronics UM0401 Datasheet HTML 8Page - STMicroelectronics UM0401 Datasheet HTML 9Page - STMicroelectronics UM0401 Datasheet HTML 10Page - STMicroelectronics UM0401 Datasheet HTML 11Page - STMicroelectronics UM0401 Datasheet HTML 12Page - STMicroelectronics UM0401 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
UM0401
Running the STMPE801 port expander GUI
9/17
Figure 10.
Screen shot of STMPE801 GUI startup screen
2.1
Running internal registers of STMPE801
The internal registers of the STMPE801 can be read or written to using the "Write Read" tab
in the GUI. Figure 11 shows a screen shot of this function. The radio button device 1 should
be selected if the slave address is 0x82, and radio button device 2 should be selected if the
slave address is 0x88. Making the wrong selection on the device radio buttons generates an
error message as shown in Figure 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17