| Moteur de recherche de fiches techniques de composants électroniques |
|
AN2511 Fiches technique(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2511 Fiches technique(HTML) 35 Page - STMicroelectronics |
|
35 / 43 page ![]() AN2511 Using the demonstration board Doc ID 13286 Rev 2 35/43 Figure 24. Example of invalid command 6.2.2 Communication timeout This error appears when the PMBus communication fails due to one of the following reasons: ● The slave device doesn’t acknowledge the master ● The clock low interval exceeds the value of TTIMEOUT,MIN as defined by (SMBus Specification 1.1) ● TLOW:SEXT and TLOW:MEXT conditions are not met ● Bus error or arbitration errors in PMBus communication In these conditions, the following error message appears: Figure 25. Communication timeout message |