Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2511 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce AN2511
Description  This application note describes
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2511 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button AN2511 Datasheet HTML 17Page - STMicroelectronics AN2511 Datasheet HTML 18Page - STMicroelectronics AN2511 Datasheet HTML 19Page - STMicroelectronics AN2511 Datasheet HTML 20Page - STMicroelectronics AN2511 Datasheet HTML 21Page - STMicroelectronics AN2511 Datasheet HTML 22Page - STMicroelectronics AN2511 Datasheet HTML 23Page - STMicroelectronics AN2511 Datasheet HTML 24Page - STMicroelectronics AN2511 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
AN2511
PMBus commands and source code
Doc ID 13286 Rev 2
21/43
3.2
Source code
The source code is attached in the zip file along with the application note. This source code
is organized as shown below.
' Workspace directory
' Debug
' object files, list files, map files, executable files (.elf), hex code
(.s19)
' Sources
' Main.c: Contains main source code. In this file, PMBus interface functions
are
called (refer to section 3.3).
' Main.h: Contains prototype of all functions used in Main.c.
' PMBus.c: Contains functions for PMBus write and read operation. The data
length calculator function and I2C and Alert signal interrupt sub-
routines are also written inside this file.
' PMBus.h: Contains prototype of all functions and enumerated data
types used in PMBus.c.
' SMBus_Master.c: Contains source code for differnet SMBus master
transaction bus protocols.
' SMBus_Master.h: Contains prototype of all functions and enumerated data
types used in SMBus_Master.c.
' st72264g1.h: Contains register mapping for ST72F264G1 device.
' ST7_hr.h: Contains hardware register bit definitions for ST7 MCU
' ST7_Config.h: Contains compiler selection, peripheral register inclusion,
header files inclusion for linking, macros for assembly instructions
and Fcpu Definition.
' interrupt_vector.c: Contains general Interrupt vector table for ST7 devices
Table 39.
MFR_SPECIFIC_01
Command name
MFR_SPECIFIC_01
Command code
D1h
Description
The MFR_SPECIFIC_01 command provides
access control for configuration register writes.
SMBus transaction type
Read byte
Number of data bytes
1
Table 40.
MFR_SPECIFIC_02
Command name
MFR_SPECIFIC_02
Command code
D2h
Description
The MFR_SPECIFIC_02 is a manufacturer
defined command.
SMBus transaction type
Read byte
Number of data bytes
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43