Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2511 Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce AN2511
Description  This application note describes
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2511 Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button AN2511 Datasheet HTML 27Page - STMicroelectronics AN2511 Datasheet HTML 28Page - STMicroelectronics AN2511 Datasheet HTML 29Page - STMicroelectronics AN2511 Datasheet HTML 30Page - STMicroelectronics AN2511 Datasheet HTML 31Page - STMicroelectronics AN2511 Datasheet HTML 32Page - STMicroelectronics AN2511 Datasheet HTML 33Page - STMicroelectronics AN2511 Datasheet HTML 34Page - STMicroelectronics AN2511 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 43 page
background image
AN2511
Using the demonstration board
Doc ID 13286 Rev 2
31/43
Figure 11.
Slave address entry message
If the user enters a wrong slave address then one of the following error messages shown in
Figure 12 or Figure 13 appears.
Figure 12.
Wrong slave address entry - response 1
Figure 13.
Wrong slave address entry - response 2
6.1.4
Selection of read/write mode
Data can be written into or data can be read back from the PMBus salve device connected.
The following figure provides the key option to select one of the modes.
Figure 14.
Options to select read/ write mode
6.1.5
Single read mode
The user can press 1 to select read mode. Then the user can enter any command code with
reference to Section 3 to read byte/ word/ block of data. An example of this is shown below.
Figure 15.
Single read operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43