Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

10F202 Fiches technique(PDF) 80 Page - Microchip Technology

No de pièce 10F202
Description  6-Pin, 8-Bit Flash Microcontrollers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

10F202 Fiches technique(HTML) 80 Page - Microchip Technology

Back Button 10F202 Datasheet HTML 76Page - Microchip Technology 10F202 Datasheet HTML 77Page - Microchip Technology 10F202 Datasheet HTML 78Page - Microchip Technology 10F202 Datasheet HTML 79Page - Microchip Technology 10F202 Datasheet HTML 80Page - Microchip Technology 10F202 Datasheet HTML 81Page - Microchip Technology 10F202 Datasheet HTML 82Page - Microchip Technology 10F202 Datasheet HTML 83Page - Microchip Technology 10F202 Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 88 page
background image
PIC10F200/202/204/206
DS40001239F-page 80
 2004-2014 Microchip Technology Inc.
B
A
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Microchip Technology Drawing No. C04-018D Sheet 1 of 2
8-Lead Plastic Dual In-Line (P) - 300 mil Body [PDIP]
eB
E
A
A1
A2
L
8X b
8X b1
D
E1
c
C
PLANE
.010
C
12
N
NOTE 1
TOP VIEW
END VIEW
SIDE VIEW
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88