Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

10F202 Fiches technique(PDF) 77 Page - Microchip Technology

No de pièce 10F202
Description  6-Pin, 8-Bit Flash Microcontrollers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

10F202 Fiches technique(HTML) 77 Page - Microchip Technology

Back Button 10F202 Datasheet HTML 73Page - Microchip Technology 10F202 Datasheet HTML 74Page - Microchip Technology 10F202 Datasheet HTML 75Page - Microchip Technology 10F202 Datasheet HTML 76Page - Microchip Technology 10F202 Datasheet HTML 77Page - Microchip Technology 10F202 Datasheet HTML 78Page - Microchip Technology 10F202 Datasheet HTML 79Page - Microchip Technology 10F202 Datasheet HTML 80Page - Microchip Technology 10F202 Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 88 page
background image
 2004-2014 Microchip Technology Inc.
DS40001239F-page 77
PIC10F200/202/204/206
TABLE 14-1:
8-LEAD 2x3 DFN (MC)
PACKAGE TOP MARKING
TABLE 14-2:
6-LEAD SOT-23 (OT)
PACKAGE TOP MARKING
Part Number
Marking
PIC10F200-I/MC
BA0
PIC10F200-E/MC
BB0
PIC10F202-I/MC
BC0
PIC10F202-E/MC
BD0
PIC10F204-I/MC
BE0
PIC10F204-E/MC
BF0
PIC10F206-I/MC
BG0
PIC10F206-E/MC
BH0
Part Number
Marking
PIC10F200-I/OT
00NN
PIC10F200-E/OT
00NN
PIC10F202-I/OT
02NN
PIC10F202-E/OT
02NN
PIC10F204-I/OT
04NN
PIC10F204-E/OT
04NN
PIC10F206-I/OT
06NN
PIC10F206-E/OT
06NN
Note:
NN
represents
the
alphanumeric
traceability code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88