Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN1235 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce AN1235
Description  package description and recommendations for use
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1235 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button AN1235 Datasheet HTML 6Page - STMicroelectronics AN1235 Datasheet HTML 7Page - STMicroelectronics AN1235 Datasheet HTML 8Page - STMicroelectronics AN1235 Datasheet HTML 9Page - STMicroelectronics AN1235 Datasheet HTML 10Page - STMicroelectronics AN1235 Datasheet HTML 11Page - STMicroelectronics AN1235 Datasheet HTML 12Page - STMicroelectronics AN1235 Datasheet HTML 13Page - STMicroelectronics AN1235 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AN1235
Soldering assembly recommendations
Doc ID 7272 Rev 8
11/14
New device soldering
For placement of the device several solutions are possible:
●
Use a mini-stencil and solder paste then place the device. This is the preferred solution
to ensure homogeneity of assembly conditions if assembly of WLCSP (wafer level chip
scale package) is performed with solder paste, even if small footprints and tight
dimensions make this operation difficult.
●
Use no-clean flux on the site and place the device.
●
Dip the WLCSP in no-clean flux, and place it on the board.
Next operation is to reflow the solder joint by applying controlled heat to the component.
This can be done in much the same way as described above for component removal, but
accurate temperature control is necessary to ensure good soldering of the joint.
Alternatively this can be done by putting the whole board in a furnace. See Figure 9 for
reflow profile recommendations.
Equipment
Systems for these operations are available at various levels of automation. Methods and
techniques used in more sophisticated automatic systems can be copied using manual
equipment. Soldering irons should be avoided for these operations. Tweezers or any picking
tools pressuring the sides or bottom (bump side) of the WLCSP must be avoided since such
tools can damage silicon and create chip outs.
Figure 10 shows an example of semi-automatic equipment for component rework. (See the
Web site of Comintec for more information.)
Figure 10.
Comintec ONYX32 - Semi-automatic equipment for component rework



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14