| Moteur de recherche de fiches techniques de composants électroniques |
|
AN1235 Fiches technique(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1235 Fiches technique(HTML) 6 Page - STMicroelectronics |
|
6 / 14 page ![]() Packing specifications and labeling description AN1235 6/14 Doc ID 7272 Rev 8 3.4 Final packing Each reel is heat sealed under inert atmosphere in a transparent, recyclable and antistatic polyethylene bag (minimum of 4 mils material thickness). Reels are then packed in cardboard boxes. The complete description for packing is shown on Figure 7. Figure 7. Packing flow chart. 3.5 Labeling To ensure component traceability, labels are stuck on the reels and the cardboard box. The seven-inch reels and the cardboard box are identified by labels including part number, shipped quantity and traceability references (Figure 8). The traceability is ensured for each production lot and each shipment lot through the labeling. The trace code number printed on the labels ensures backward traceability from the lot received by the customer at each step of the process - in / out dates and quantity at diffusion, assembly, test and final store. Likewise, forward traceability is able to trace a lot history from the wafer fab to the customer’s location. Figure 8. Example of a reel label dice into the reel Reel in a sealed plastic bag within inert atmosphere The reel in its bag is packed in a cardbox for storage & shipment |