Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN1235 Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce AN1235
Description  package description and recommendations for use
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1235 Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button AN1235 Datasheet HTML 3Page - STMicroelectronics AN1235 Datasheet HTML 4Page - STMicroelectronics AN1235 Datasheet HTML 5Page - STMicroelectronics AN1235 Datasheet HTML 6Page - STMicroelectronics AN1235 Datasheet HTML 7Page - STMicroelectronics AN1235 Datasheet HTML 8Page - STMicroelectronics AN1235 Datasheet HTML 9Page - STMicroelectronics AN1235 Datasheet HTML 10Page - STMicroelectronics AN1235 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AN1235
Packing specifications and labeling description
Doc ID 7272 Rev 8
7/14
Table 2.
Parameter reel label
Field
Field type
Assembled in
Mandatory-Country of origin
Pb-free 2nd. Level interconnect
As per JEDEC Standard JESD97
MSL
Mandatory for concerned products as defined in MPI
Moisture Sensitivity Level as per JEDEC J-STD-020
Mandatory for SMD
Bag seal date
For MSL 2 and above, date of vacuum sealing of dry bag
For MSL=1, “Not Moisture Sensitive” must be printed instead
PBT
Peak Package Body Temperature as JEDEC J-STD-020
Mandatory for the SMD
Category
Pb-free category as pr JEDEC Standard JESD97
Mandatory for concerned products as defined in MPI
Eco level
Mandatory for ECOLEVEL devices only as defined in MPI
Type
Mandatory
First line: Not Required
Second line: Raw line product name
Total qty
Mandatory - bulk quantity
Trace code
Mandatory-
Traceability code with Wafer Fab Production Area Code
Bulk ID
Mandatory- Bulk ID Number, Start with A
Bar code
Mandatory-Bar code area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14