Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPC56 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce SPC56
Description  Embedded Software Solutions at all levels
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button SPC56 Datasheet HTML 17Page - STMicroelectronics SPC56 Datasheet HTML 18Page - STMicroelectronics SPC56 Datasheet HTML 19Page - STMicroelectronics SPC56 Datasheet HTML 20Page - STMicroelectronics SPC56 Datasheet HTML 21Page - STMicroelectronics SPC56 Datasheet HTML 22Page - STMicroelectronics SPC56 Datasheet HTML 23Page - STMicroelectronics SPC56 Datasheet HTML 24Page - STMicroelectronics SPC56 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Functionality Extension boards
• Connector Type A: 4x37 Pins
21
• Connector Type B: 2x2x36 Pins
• Arduino-Compatible
MCU Boards
SPC56EL70-DISP SPC563M-DISP
SPC560P-DISP
SPC564A-DISP
MCU Boards
SPC560D-DIS
SPC560B-DIS
MCU Boards
SPC560P-DISP
Extension Boards
EVAL-VNH5019-P2
Available
In design
Several solutions in design to extend the
microcontroller board functionality
The addition of a connector Arduino-
Compatible multiply the number of options
All ST Nucleo expansion boards will fit as well
Extension Boards
EVAL-L9942
EVAL-L9907
EVAL-L9907-H
EVAL-L9958



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25