Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPC56 Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce SPC56
Description  Embedded Software Solutions at all levels
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56 Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button SPC56 Datasheet HTML 8Page - STMicroelectronics SPC56 Datasheet HTML 9Page - STMicroelectronics SPC56 Datasheet HTML 10Page - STMicroelectronics SPC56 Datasheet HTML 11Page - STMicroelectronics SPC56 Datasheet HTML 12Page - STMicroelectronics SPC56 Datasheet HTML 13Page - STMicroelectronics SPC56 Datasheet HTML 14Page - STMicroelectronics SPC56 Datasheet HTML 15Page - STMicroelectronics SPC56 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
SW architecture overview
12
HAL Drivers
Portable HAL
Application
OS Kernel
Port
Hardware
HAL
Board
Init
xxyyzz OSAL
•
Application: High level application code
abstracted from hardware details
•
Portable HAL: High level, cross platform,
drivers API layer
•
OSAL: Operating system Abstraction Layer
•
HAL Drivers: Low level, platform-specific,
drivers layer
•
OS Kernel: Portable RTOS kernel layer
•
Port: Kernel port layer for a specific
Architecture
•
Board: Board-specific description and
initialization code
•
Hardware: The HW platform
= Present ONLY if RTOS component added
Component based Approach



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25