Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPC56 Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce SPC56
Description  Embedded Software Solutions at all levels
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56 Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button SPC56 Datasheet HTML 10Page - STMicroelectronics SPC56 Datasheet HTML 11Page - STMicroelectronics SPC56 Datasheet HTML 12Page - STMicroelectronics SPC56 Datasheet HTML 13Page - STMicroelectronics SPC56 Datasheet HTML 14Page - STMicroelectronics SPC56 Datasheet HTML 15Page - STMicroelectronics SPC56 Datasheet HTML 16Page - STMicroelectronics SPC56 Datasheet HTML 17Page - STMicroelectronics SPC56 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Embedded Software inside
SPC5Studio framework
• Platform Components
• include startup code, interrupt handling framework I/O configuration and drivers required for debug
(TIMER, UART, DMA, I/O)
• All SPC56 product line supported
• Libraries
• Flash drivers
• Lin Drivers (RPN: STSW-SPC56002FW)
• Cryptography library for SPC5 MCU’s (RPN: SPC5-CRYP-LIB)
• RTOS
• ChibiOS: Portable, open source, compact and extremely fast RTOS. Designed for deeply embedded
real time applications, where timings and code size are key factors. Is available for all platforms.
• mOSEK: Real-Time and networked Operating System compliant to the Osek/Vdx standard and
suitable for the development of embedded real-time applications. Available for Monaco platform
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25