Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OS21 Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce OS21
Description  The API defined in the OS21 User manual
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

OS21 Fiches technique(HTML) 3 Page - STMicroelectronics

  OS21 Datasheet HTML 1Page - STMicroelectronics OS21 Datasheet HTML 2Page - STMicroelectronics OS21 Datasheet HTML 3Page - STMicroelectronics OS21 Datasheet HTML 4Page - STMicroelectronics OS21 Datasheet HTML 5Page - STMicroelectronics OS21 Datasheet HTML 6Page - STMicroelectronics OS21 Datasheet HTML 7Page - STMicroelectronics OS21 Datasheet HTML 8Page - STMicroelectronics OS21 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
May 2008
8083358 Rev C
1/14
User manual
OS21 for ARM
Introduction
The API defined in the OS21 User manual (ADCS 7358306) encapsulates the generic
facilities offered by OS21 on all target platforms. However each processor implements
certain features in different ways, and some processors offer facilities appropriate to their
own specific API.
ARM specific APIs can be accessed by a single #include:
#include <os21/arm.h>
This include file is automatically included from <os21.h> when __ARM__ is defined. The
ARM GCC compiler always defines __ARM__; therefore #include <arm.h> is normally
all that is necessary to include both the generic OS21 API and the ARM specific API.
www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16