Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OS21 Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce OS21
Description  The API defined in the OS21 User manual
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

OS21 Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button OS21 Datasheet HTML 2Page - STMicroelectronics OS21 Datasheet HTML 3Page - STMicroelectronics OS21 Datasheet HTML 4Page - STMicroelectronics OS21 Datasheet HTML 5Page - STMicroelectronics OS21 Datasheet HTML 6Page - STMicroelectronics OS21 Datasheet HTML 7Page - STMicroelectronics OS21 Datasheet HTML 8Page - STMicroelectronics OS21 Datasheet HTML 9Page - STMicroelectronics OS21 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Memory access
OS21, ARM
4/14
8083358
1
Memory access
1.1
Memory access overview
On all ARM variants that are supported by OS21, memory regions can be given various
characteristics such as cacheability and protection modes. These characteristics are
controlled through an MMU.
Exact details of the MMU hardware can be found in the appropriate hardware manual.
OS21 provides two areas of memory access support.
●
Cache support functions are available on all ARM variants. Details are given in the
OS21 User manual (ADCS 7358306).
●
MMU support functions are available on all ARM variants. These functions are provided
using the Virtual Memory API. Details are given in the OS21 User manual (ADCS
7358306).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16