Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OS21 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce OS21
Description  The API defined in the OS21 User manual
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

OS21 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button OS21 Datasheet HTML 8Page - STMicroelectronics OS21 Datasheet HTML 9Page - STMicroelectronics OS21 Datasheet HTML 10Page - STMicroelectronics OS21 Datasheet HTML 11Page - STMicroelectronics OS21 Datasheet HTML 12Page - STMicroelectronics OS21 Datasheet HTML 13Page - STMicroelectronics OS21 Datasheet HTML 14Page - STMicroelectronics OS21 Datasheet HTML 15Page - STMicroelectronics OS21 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
OS21, ARM
Board support packages
8083358
11/14
4.2.3
Interrupt controller base address
This variable informs OS21 of the base address of the interrupt controller.
For example:
void * bsp_intc_base_address
= (void *)(0x90410000);
This tells OS21 the interrupt controller registers commence at address 0x90410000.
4.2.4
Interrupt controller slave priority
On platforms that support interrupt levels, and where slave controllers drive master
controllers, this variable informs OS21 of the priority of the slave controller interrupts relative
to the interrupts on the master. For example:
unsigned int bsp_intc_slave_pri = 15;
This says that all interrupts on the slave controller are given a priority of 15 into the master
controller.
Note:
This item is not required on platforms that do not support interrupt priority levels.
4.2.5
Interrupt controller initialization flags
interrupt_init_flags_t bsp_interrupt_init_flags;
This is a set of flags that are used to control how OS21 initializes the interrupt subsystem.
These may be combined by logically ORing the appropriate flags.
The normal value on ARM platforms is 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16