Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4569 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce AN4569
Description  The purpose of the document is to show different possibilities
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4569 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button AN4569 Datasheet HTML 17Page - STMicroelectronics AN4569 Datasheet HTML 18Page - STMicroelectronics AN4569 Datasheet HTML 19Page - STMicroelectronics AN4569 Datasheet HTML 20Page - STMicroelectronics AN4569 Datasheet HTML 21Page - STMicroelectronics AN4569 Datasheet HTML 22Page - STMicroelectronics AN4569 Datasheet HTML 23Page - STMicroelectronics AN4569 Datasheet HTML 24Page - STMicroelectronics AN4569 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
DocID026803 Rev 1
21/29
AN4569
Layout
29
4
Layout
4.1
Decoupling
Use electrolytic capacitors first to separate the Vcc branches;
Figure 19. Electrolytic capacitor
Minimize the path between the Vcc pins and ground pin in order to avoid inductive
paths;
Figure 20. VCC - GND paths
Vcc routing. The purpose of a "star routing" for the Vcc supply is in order to avoid the
interference between different signals such as part A idle and another part B working
with full load. Under this condition the interference would evidently happen if no star
connection were implemented.
Figure 21. Star connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29