| Moteur de recherche de fiches techniques de composants électroniques |
|
AN4569 Fiches technique(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4569 Fiches technique(HTML) 16 Page - STMicroelectronics |
|
16 / 29 page ![]() 2.1-channel applications using two devices AN4569 16/29 DocID026803 Rev 1 3.1.3 Output filter Figure 14 shows the output filter scheme for a 2.1-channel application. Figure 14. Schematics for output filter The output filter is composed of three different sections: Snubber network Main filter EMI filter 3.1.4 Snubber network Figure 15. Schematics for snubber section The function of a snubber network is to absorb energy from reactance in the power circuit. The purpose of the RC snubber is in order to avoid unnecessary high pulse energy such as spike in power circuit which is dangerous to the system. By using the snubber network, the energy (big spike) is transferred within the snubber network, allowing safe operation of the system. |