| Moteur de recherche de fiches techniques de composants électroniques |
|
AN4569 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4569 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 29 page ![]() October 2014 DocID026803 Rev 1 1/29 29 AN4569 Application note Using Sound Terminal ® STA3xyBWz devices in 2.1-channel applications Stefano Bosco Introduction The purpose of the document is to show different possibilities of using STA3xyBWz devices in 2.1-channel applications. The first part of the document is dedicated to a single device solution while the second part of the document is dedicated to a solution using two devices. www.st.com |
Numéro de pièce similaire - AN4569 |
|
Description similaire - AN4569 |