Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4253 Fiches technique(PDF) 35 Page - STMicroelectronics

No de pièce AN4253
Description  SPC564Lx device startup flow
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4253 Fiches technique(HTML) 35 Page - STMicroelectronics

Back Button AN4253 Datasheet HTML 31Page - STMicroelectronics AN4253 Datasheet HTML 32Page - STMicroelectronics AN4253 Datasheet HTML 33Page - STMicroelectronics AN4253 Datasheet HTML 34Page - STMicroelectronics AN4253 Datasheet HTML 35Page - STMicroelectronics AN4253 Datasheet HTML 36Page - STMicroelectronics AN4253 Datasheet HTML 37Page - STMicroelectronics AN4253 Datasheet HTML 38Page - STMicroelectronics AN4253 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
DocID024255 Rev 2
35/44
AN4253
asm examples
mtspr 26,r31 // SRR0
mtspr 27,r31 // SRR1
mtspr 58,r31 // CSRR0
mtspr 59,r31 // CSRR1
mtspr 63,r31 // IVPR
mtspr 61,r31 // DEAR
mtspr 62,r31 // ESR
mtspr 570,r31 // MCSRR0
mtspr 571,r31 // MCSRR1
mtspr 340,r31 // TCR
mtspr 512,r31 // SPEFSCR
mtspr 1,r31
// XER
mtspr 256,r31 // USPRG0
mtspr 9,r31
// CTR
mtspr 8,r31
// LR
mtspr 308,r31 // DBCR0
mtspr 309,r31 // DBCR1
mtspr 310,r31 // DBCR2
mtspr 561,r31 // DBCR3
mtspr 563,r31 // DBCR4
mtspr 564,r31
mtspr 603,r31
A.3
MMU entry configuration
// Table 0
e_lis
r0, 0x1000
e_or2i
r0, 0x0000
mtspr
mas0, r0
// fix bits + TLB entry
e_lis
r0, 0xC000
e_or2i
r0, 0x0500
mtspr
mas1, r0
// cfg bits + Page SIZE
e_lis
r0, 0x0000
e_or2i
r0, 0x0028
mtspr
mas2, r0
// EPN + page atrib
e_lis
r0, 0x0000
e_or2i
r0, 0x003F
mtspr
mas3, r0
// RPN + access atrib
tlbwe
A.4
SSCM HW configuration check
// Base address of FLASH module to r7
e_lis
r7, FLASH_BASE@h
e_or2i
r7, FLASH_BASE@l
// Read MCR register
e_lwz
r0, FLASH_REG_MCR (r7) // read FLASH.MCR register
// MCR.EER bit?
e_lis
r1, FLASH_EER_MASK@h
e_or2i
r1, FLASH_EER_MASK@l
se_and
r0, r1
// look for destructive resets
se_cmpi r0,0
// is value '1' ?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44