Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4253 Fiches technique(PDF) 32 Page - STMicroelectronics

No de pièce AN4253
Description  SPC564Lx device startup flow
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4253 Fiches technique(HTML) 32 Page - STMicroelectronics

Back Button AN4253 Datasheet HTML 28Page - STMicroelectronics AN4253 Datasheet HTML 29Page - STMicroelectronics AN4253 Datasheet HTML 30Page - STMicroelectronics AN4253 Datasheet HTML 31Page - STMicroelectronics AN4253 Datasheet HTML 32Page - STMicroelectronics AN4253 Datasheet HTML 33Page - STMicroelectronics AN4253 Datasheet HTML 34Page - STMicroelectronics AN4253 Datasheet HTML 35Page - STMicroelectronics AN4253 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
Application ‘C’ startup
AN4253
32/44
DocID024255 Rev 2
10
Application ‘C’ startup
High level language application startup is under user responsibility.
Examples of application ‘C’ startup routines are:
•
External hardware initialization
•
EEPROM control block initialization, reading stored data
•
Software layers initialization
•
Application blocks initialization
Part of the application startup shall be safety checks. Safety checks related to
microcontroller hardware are described more in AN3324 (see B.1: Reference documents).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44