Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4253 Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce AN4253
Description  SPC564Lx device startup flow
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4253 Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button AN4253 Datasheet HTML 27Page - STMicroelectronics AN4253 Datasheet HTML 28Page - STMicroelectronics AN4253 Datasheet HTML 29Page - STMicroelectronics AN4253 Datasheet HTML 30Page - STMicroelectronics AN4253 Datasheet HTML 31Page - STMicroelectronics AN4253 Datasheet HTML 32Page - STMicroelectronics AN4253 Datasheet HTML 33Page - STMicroelectronics AN4253 Datasheet HTML 34Page - STMicroelectronics AN4253 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
DocID024255 Rev 2
31/44
AN4253
Application ‘asm’ startup
9
Application ‘asm’ startup
Before jumping to ‘C’ language to continue with the startup there are still some steps
required. These steps are completely under user or any other software vendor (i.e. OS
supplier) responsibility. Simply this ‘asm’ part shall prepare a base for the ‘C’ programming
environment.
Among usual steps belongs:
•
Initialization of r1 register (link register)
•
Initialization of r2 register (sdata2 base pointer)
•
Initialization of r13 register (sdata base pointer)
•
Stack initialization
•
Initialization of initialized variables



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44