Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4231 Fiches technique(PDF) 18 Page - STMicroelectronics

No de pièce AN4231
Description  Standby mode exit from FLASH to RAM configuration settings
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4231 Fiches technique(HTML) 18 Page - STMicroelectronics

Back Button AN4231 Datasheet HTML 14Page - STMicroelectronics AN4231 Datasheet HTML 15Page - STMicroelectronics AN4231 Datasheet HTML 16Page - STMicroelectronics AN4231 Datasheet HTML 17Page - STMicroelectronics AN4231 Datasheet HTML 18Page - STMicroelectronics AN4231 Datasheet HTML 19Page - STMicroelectronics AN4231 Datasheet HTML 20Page - STMicroelectronics AN4231 Datasheet HTML 21Page - STMicroelectronics AN4231 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Application code structure
AN4231
18/22
DocID024130 Rev 2
e_lir6, 55592
se_stwr6, 0(r7)
##SWT.CR.R = 0xC000010A; /* disable WEN */
e_lisr6, 65524
e_add16ir6, r6, -32768
e_lisr7, 0xc000
e_add16ir7, r7, 0x010A
se_stwr7, 0(r6)
e_lis
r1, __SP_INIT@h
# Initialize stack pointer r1 to
e_or2i
r1, __SP_INIT@l
# value in linker command file.
e_lis
r13, _SDA_BASE_@h
# Initialize r13 to sdata base
e_or2i
r13, _SDA_BASE_@l
# (provided by linker).
e_lis
r2, _SDA2_BASE_@h
# Initialize r2 to sdata2 base
e_or2i
r2, _SDA2_BASE_@l
# (provided by linker).
e_stwu
r0,-64(r1)
# Terminate stack.
#TLB2 =
1M Internal flash
e_lis r3, 0x1002
mtmas0 r3
e_lis
r3, 0xC000
e_or2i
r3, 0x0500
mtmas1 r3
e_lis
r3, 0x0000
e_or2i
r3, 0x0020
mtmas2 r3
e_lis
r3, 0x0000
e_or2i
r3, 0x003F
mtmas3 r3
tlbwe
e_lis
r3, return_from_standby_code_in_FLASH@h
e_or2i
r3, return_from_standby_code_in_FLASH@l
mtlr r3
here:
se_blr
# branch to code in flash



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22