Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4231 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce AN4231
Description  Standby mode exit from FLASH to RAM configuration settings
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4231 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button AN4231 Datasheet HTML 9Page - STMicroelectronics AN4231 Datasheet HTML 10Page - STMicroelectronics AN4231 Datasheet HTML 11Page - STMicroelectronics AN4231 Datasheet HTML 12Page - STMicroelectronics AN4231 Datasheet HTML 13Page - STMicroelectronics AN4231 Datasheet HTML 14Page - STMicroelectronics AN4231 Datasheet HTML 15Page - STMicroelectronics AN4231 Datasheet HTML 16Page - STMicroelectronics AN4231 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
DocID024130 Rev 2
13/22
AN4231
Application code structure
Figure 7. PLL configuration function
3.2.4
Reset Generation Module function
This function allows selecting which core is used for booting after STANDBY exit. If the
BOOT_FROM_BKP_RAM is set and if it is boot from FLASH or from backup RAM.
When using the Z4 from RAM in STANDBY mode it needs to ensure that VLE code is used.
By default, the Z0 core is the core that is on STANDBY exit.
Figure 8. RGM init function
3.2.5
Wakeup Unit configuration
This function allows to enable the Wakeup unit in order to set a wakeup event, enabling the
interrupt messaging from the wakeup/interrupt pads to the interrupt controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22