| Moteur de recherche de fiches techniques de composants électroniques |
|
AN4231 Fiches technique(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4231 Fiches technique(HTML) 14 Page - STMicroelectronics |
|
14 / 22 page ![]() Application code structure AN4231 14/22 DocID024130 Rev 2 Figure 9. WKUP init function The WKUP6 is defined as 6. 3.2.6 Enter in STANDBY mode This function allows entering in STANDBY mode in order to complete the mode transition. Figure 10. Standby mode entry function The STANDBY_MODE hex value for the STANDBY is “0x0000000D“. 3.2.7 Locator file configuration The most important part of the locator file is the memory allocation where the sections are defined for Flash and RAM. There are also some variables used to copy code from FLASH to RAM when booting. |