| Moteur de recherche de fiches techniques de composants électroniques |
|
AN4015 Fiches technique(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4015 Fiches technique(HTML) 5 Page - STMicroelectronics |
|
5 / 22 page ![]() AN4015 Test conditions and connections of the demonstration board Doc ID 022507 Rev 1 5/22 2 Test conditions and connections of the demonstration board 2.1 Power supply and interface connection 1. Connect PSU to the VCC terminal block 2. Connect the analog input cable to the RCA connectors on the demonstration board, the other side must be connected to a signal source such as the Audio Precision analog outputs or a DVD player 2.2 Output configuration The TDA7498E demonstration board has been configured in 2-channel BTL output. 2.3 Connections The board terminals (top view of demonstration board) are visible in Figure 2. Figure 2. TDA7498E demonstration board connections Left Load Right Load Analog input Single-ended input/differential input mode selection Standby and mute controls Gain selection |