| Moteur de recherche de fiches techniques de composants électroniques |
|
AN4015 Fiches technique(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4015 Fiches technique(HTML) 16 Page - STMicroelectronics |
|
16 / 22 page ![]() Design guidelines for PCB schematic and layout AN4015 16/22 Doc ID 022507 Rev 1 Dumping network The C-R-C is a dumping network. It is mainly intended for high inductive loads and for common-mode noise attenuation. Figure 17. Dumping network PWM output frequency shifting for AM band radio sensitivity improvement Using a logic control signal (FS) from MCU or from a DSP (3.3 V) it is possible to modify the PWM output frequency.(b) Figure 18. Frequency shift b. For the PWM frequency calculation formula please refer to the datasheet. |