| Moteur de recherche de fiches techniques de composants électroniques |
|
AN4015 Fiches technique(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4015 Fiches technique(HTML) 18 Page - STMicroelectronics |
|
18 / 22 page ![]() Design guidelines for PCB schematic and layout AN4015 18/22 Doc ID 022507 Rev 1 ● Use electrolytic capacitors first to separate the VCC branches. A "star route" for the VCC supply is suggested to avoid interference between the channels such as when one channel is idle while the other channel is working with a full load. In applications with high output power, another approach is to filter the two channels separately. This solution is implemented in this demonstration board. Figure 21. VCC decoupling electrolytic capacitors ● ROSC network: Place the RC filter for the ROSC pin close to the IC Figure 22. ROSC - component placement R-C network for ROSC |